Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA5 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RA5
Description  Rocker switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RA5 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RA5 Datasheet HTML 1Page - Apex Electronics Co., Ltd RA5 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RA5 Series
Rocker switches
02
OPTIONS OF SWITCH FUNCTION / DIMENSION
PANEL CUT OUT
CIRCUITS FOR SWITCH WITH LAMP
For circuit of 250V AC or 125V AC
For circuit of 24V DC or 12V DC
circuit of switch
circuit of switch
LOAD
C
A
V
4
2
r
o
V
2
1
C
A
V
0
5
2
r
o
V
5
2
1
NEON LAMP
resistor
2
2a
1
1a
LOAD
THNGSTEN LAMP
2
2a
1
1a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com