Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA91 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RA91
Description  Rocker switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RA91 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RA91 Datasheet HTML 1Page - Apex Electronics Co., Ltd RA91 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RA9 Series
Rocker switches
02
OPTIONS OF SWITCH FUNCTION / DIMENSION
PANEL CUT OUT
TERMINAL TYPE
CIRCUITS FOR SWITCH WITH LAMP
For circuit of 250VAC, 125VAC with neon lamp
For circuit of 24 VDC, 12 VDC, 6 VDC, 3 VDC with lamp
For circuit of 48 with LED
CIRCUIT FOR RA99
CIRCUIT FOR RA9Y
CIRCUIT FOR 48VDC with LED
L Type
Left Angie PC Through
Hole Terminal
A
A
A
A
A
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com