Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # RAC
Description  Rocker Switch, high power rating, liiumination, UL/ VDE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RAC Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  RAC Datasheet HTML 1Page - Apex Electronics Co., Ltd RAC Datasheet HTML 2Page - Apex Electronics Co., Ltd RAC Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RAC Series
Rocker Switch, high power rating, liiumination, UL/ VDE
03
1I
1H
1F
1G
1E
1D
1C
1J
1B
OFF
ON
1W
1N
TURBO
NORM
HOT
COOL
1T
1U
1V
OFF
1K
1L
1M
1O
1P
1Q
AUT
ON
OFF
1R
OFF
AUT
1S
1
2
M
D
L
H
V
ON
S
T
OFF
U
J
K
White
A
B
White
Red
L
Red
C
Red
HI
STOP
W
OFF
ON
X
Y
LO
OFF
Black
N
STOP
Red
E
RUN
O
Red
P
F
G
OFF
Z
1
2
R
1A
Q
H
I
OFF
ON
1Y
ON
I
OFF O
1Z
ULK
LK
CON
CYC
EIN
AUS
ON
OFF
0
2A
2B
2C
2D
2E
2F
2G
2J
2H
2I
WARM
2K
HOT
COLD
HIGH
LOW
OFF
@A 0.3
lens
CAP MARKING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com