Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAT-0C7 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # RAT-0C7
Description  9.2mm diameter, rotary switch, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RAT-0C7 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  RAT-0C7 Datasheet HTML 1Page - Apex Electronics Co., Ltd RAT-0C7 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
RAT Series
9.2mm diameter, rotary switch, through hole
DIMENSION
Part No. Shown : RAT-0C8
Part No. Shown : RAT-0C8-D
C
1
2
7
4
Ø
.200
Ø
5.08
Ø
.362
Ø
9.20
.024
0.63
.030
0.76
.027
0.70
.594
15.10
.086
2.20
.118
3.00
.063
1.20
.035
0.90
Ø
.200
Ø
5.08
Ø
.200
Ø
5.08
Ø
.362
Ø
9.20
.024
0.63
.030
0.76
.086
2.20
.118
3.00
.035
0.90
P.C.B. LAYOUT
P.C.B. LAYOUT
.307
7.80
45°
8-Ø.035
8-Ø0.90
C
1
2
7
4
Ø
.200
Ø
5.08
45°
8-Ø.035
8-Ø0.90
45°
120°
120°
Ø
.031
Ø
0.80
.141
3.60
Ø
.165
Ø
4.20
45°
120°
120°
Ø
.031
Ø
0.80
.141
3.60
Ø
.165
Ø
4.20
.385
9.80
.098
2.50
.079
2.00
.027
0.70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com