Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV09PVXXXX503C Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # RV09PVXXXX503C
Description  9mm Rotary Potentiometer, insulated shaft
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV09PVXXXX503C Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  RV09PVXXXX503C Datasheet HTML 1Page - Apex Electronics Co., Ltd RV09PVXXXX503C Datasheet HTML 2Page - Apex Electronics Co., Ltd RV09PVXXXX503C Datasheet HTML 3Page - Apex Electronics Co., Ltd RV09PVXXXX503C Datasheet HTML 4Page - Apex Electronics Co., Ltd RV09PVXXXX503C Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV09P Series
9mm Rotary Potentiometer, insulated shaft
05
Drawing (Dual output)
Mounting height H =6.5mm only
Model
Dimensions
Mounting hole details/ Circuit
RV09P
(No bushing, Horizontal)
RV09P
(No bushing, Vertical)
RV09P
(With Collar, Horizontal)
RV09P
(With Collar, Vertical)
Mounting height H =6.5mm only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com