Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2221 Datasheet(PDF) 1 Page - LEMO Connectors

Part # 2221
Description  B - Indoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

2221 Datasheet(HTML) 1 Page - LEMO Connectors

  2221 Datasheet HTML 1Page - LEMO Connectors 2221 Datasheet HTML 2Page - LEMO Connectors 2221 Datasheet HTML 3Page - LEMO Connectors 2221 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/b-indoor-keyed/fgg-2b-302-cycd52.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
FGG.2B.302.CYCD52
Summary
Request a quote
Catalog
See video assembly instructions
Low Voltage
2
Wire Size/AWG
16 - 12
Gender
Standard
Plug
Plug - Straight
Locking system
Push-pull
Jacket cable outside diameter [mm]
4.30 - 5.20 mm
Size
2B
Matching parts
EGG.2B.302.CYM
Series
B - Indoor keyed
Technical details


Similar Part No. - 2221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2221 ETC1-2221 Datasheet
32Kb / 1P
high Current Toroid Inductors
2221 ETC2-2221 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2221 ETC2-2221 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
logo
Belden Inc.
2221 BELDEN-2221 Datasheet
151Kb / 3P
Audio Cable, 2 Conductor 26 AWG, TC
12-20-2022
logo
Cirrus Logic
2221 APEX-2221 Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - 2221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS99532A TI-TMS99532A Datasheet
109Kb / 2P
FREQUENCY-SHITF-KEYED MODEM
logo
Molex Electronics Ltd.
0424109226 MOLEX5-0424109226 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed
0424108938 MOLEX5-0424108938 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/4, Keyed
0424108842 MOLEX5-0424108842 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
logo
Winchester Electronics ...
SD125-52-X WINCHESTER-SD125-52-X Datasheet
572Kb / 2P
PLUG TNC KEYED
SD125-X-X WINCHESTER-SD125-X-X Datasheet
781Kb / 2P
PLUG TNC KEYED
SD126-71-7 WINCHESTER-SD126-71-7 Datasheet
68Kb / 1P
PLUG SC KEYED
logo
Zilog, Inc.
ZDI232ZPAK2ZPK ZILOG-ZDI232ZPAK2ZPK Datasheet
247Kb / 10P
Keyed 40-conductor ribbon cable
logo
Amphenol Corporation
ATM06-12SA AMPHENOL-ATM06-12SA Datasheet
591Kb / 2P
PLUG, KEYED, 12 SOCKET, ATM SERIES
18/JUN/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com