Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP401A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TFP401A
Description  PanelBus DIGITAL RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFP401A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TFP401A Datasheet HTML 3Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 4Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 5Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 6Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 7Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 8Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 9Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 10Page - List of Unclassifed Manufacturers TFP401A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TFP401, TFP401A
TI PanelBus DIGITAL RECEIVER
SLDS120B - MARCH 2000 − REVISED JUNE 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(2)
Differential input sensitivity†
150
1560
mVp-p
tps
Analog input intra-pair (+ to -) differen-
tial skew (see Note 6)
0.4
tbit‡
tccs
Analog Input inter-pair or channel-to-
channel skew (see Note 6)
1
tpix§
tijit
Worse case differential input clock jitter
tolerance¶ (see Note 6)
50
ps
tf1
Fall time of data and control signals#, ||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tr1
Rise time of data and control signals#, ||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tr2
Rise time of ODCK clock#
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tf2
Fall time of ODCK clock#
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
1 pixel/clock, PIXS = low, OCK_INV = low
1.8
tsu1
Setup time, data and control signal to
falling edge of ODCK
2 pixel/clock, PIXS = high, STAG/ = high,
OCK_INV = low
3.8
ns
tsu1
falling edge of ODCK
2 pixel and STAG, PIXS = high,
STAG/ = low, OCK_INV = low
0.7
ns
1 pixel/clock, PIXS = low, OCK_INV = low
0.6
th1
Hold time, data and control signal to
falling edge of ODCK
2 pixel and STAG, PIXS = high,
STAG/ = low, OCK_INV = low
2.5
ns
th1
falling edge of ODCK
2 pixel/clock, PIXS = high,
STAG/ = high, OCK_INV = low
2.9
ns
1 pixel/clock, PIXS = low, OCK_INV = high
2.1
tsu2
Setup time, data and control signal to
rising edge of ODCK
2 pixel/clock, PIXS = high,
STAG/ = high, OCK_INV = high
4
ns
tsu2
rising edge of ODCK
2 pixel and STAG, PIXS = high,
STAG/ = low, OCK_INV = high
1.5
ns
1 pixel/clock, PIXS = low, OCK_INV = high
0.5
th2
Hold time, data and control signal to
rising edge of ODCK
2 pixel and STAG, PIXS = high,
STAG/ = low, OCK_INV = high
2.4
ns
th2
rising edge of ODCK
2 pixel/clock, PIXS = high,
STAG/ = high, OCK_INV = high
2.1
ns
fODCK
ODCK frequency
PIX = Low (1-PIX/CLK)
25
165
MHz
fODCK
ODCK frequency
PIX = High (2-PIX/CLK)
12.5
82.5
MHz
ODCK duty-cycle
45%
60%
75%
† Specified as ac parameter to include sensitivity to overshoot, undershoot and reflection.
‡ tbit is 1/10 the pixel time, tpix
§ tpix is the pixel time defined as the period of the RxC input clock. The period of ODCK is equal to tpix in 1-pixel/clock mode or 2tpix when in
2-pixel/clock mode.
¶ Measured differentially at 50% crossing using ODCK output clock as trigger.
# Rise and fall times measured as time between 20% and 80% of signal amplitude.
|| Data and control signals are : QE[23:0], QO[23:0], DE, HSYNC, VSYNC and CTL[3:1]
kLink active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.
NOTE 6: By characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com