Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC221 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC221
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC221 Datasheet HTML 5Page - Texas Instruments CD54HC221 Datasheet HTML 6Page - Texas Instruments CD54HC221 Datasheet HTML 7Page - Texas Instruments CD54HC221 Datasheet HTML 8Page - Texas Instruments CD54HC221 Datasheet HTML 9Page - Texas Instruments CD54HC221 Datasheet HTML 10Page - Texas Instruments CD54HC221 Datasheet HTML 11Page - Texas Instruments CD54HC221 Datasheet HTML 12Page - Texas Instruments CD54HC221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Typical Performance Curves
FIGURE 5. HC/HCT221 OUTPUT PULSE WIDTH vs
TEMPERATURE
FIGURE 6. HC/HCT221 K FACTOR vs SUPPLY VOLTAGE
FIGURE 7. HC221 OUTPUT PULSE WIDTH vs CX
FIGURE 8. HC/HCT221 OUTPUT PULSE WIDTH vs CX
685
680
675
670
665
-75
-50
-25
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (
oC)
CX = 1µF
RX = 10K
VCC = 5V
0.9
0.8
0.7
0.6
02468
10
VCC, SUPPLY VOLTAGE (V)
RX = 10K
TA = 25
oC
HCT
106
105
104
103
102
10
1
0.1
10
102
103
104
105
106
107
108
CX, TIMING CAPACITANCE (pF)
RX = 100K
RX = 50K
RX = 10K
RX = 2K
VCC = 2V
106
105
104
103
102
10
1
0.1
10
102
103
104
105
106
107
108
CX, TIMING CAPACITANCE (pF)
VCC = 4.5V
RX = 100K
RX = 50K
RX = 10K
RX = 2K
CD54HC221, CD74HC221, CD74HCT221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com