Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAJ Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SAJ
Description  DC Power Jack with Slide Switch Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SAJ Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SAJ Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SAJ Series
DC Power Jack with Slide Switch Module
01
SCHEMATIC
1#
2#
3#
OPEN CIRCUIT
SPECIFACTION
RATING : DC 15V 2A ; DC 16V 3A
CONTACT RESISTANCE : 3 m
A .
INSULATION RESISTANCE : 1
IN.
MECHANICAL LIFE : 30,000 cycles.
MATERIALS
CASE&HOUSING: Glass filled Nylon 6/6,black.
ACTUATOR : Glass filled Nylon 6/6,gray.
CONTACT : Copper alloy,silver plated.
TERMINALS : Copper alloy,silver plated.
PIN : Brass,nickel plated.
MODEL OPTIONS
1#
2#
3#
CLOSED CIRCUIT
(PLUG IN)
P.C.B LAYOUT
Bottom View
SPST
.394
10.00
.102
2.60
.338
8.60
.590
15.00
.106
2.70 TRAVRL
.555
14.10
.020
0.50
.697
17.70
.209
5.30
Ø
B
.049
1.25
.094
2.40
.020
0.50
.092
2.35
.010
0.25
.016
0.40
.283
7.20
.401
10.20
.520
13.20
.189
4.80
PIN ØA
1#
3#
2#
.098
2.50
.118
3.00
.039
1.00
.138
3.50
.039
1.00
Ø
2.00
Ø
2.50
Ø
5.60
Ø
5.60
SAJ-003
SAJ-006
PIN Ø A Ø B
ODEL
Dimensions
OFF
ON
P.C.B LAYOUT
Bottom View
SPST
Part No. Shown : SAJ-007
.185
4.70
.030
7.70 .421
10.70
.118
3.00
.039
1.00
.039
1.00
.039
1.00
.539
13.70
.138
3.50
1#
3#
2#
Ø
.108
Ø
2.75
Ø
.026
Ø
0.65
.394
10.00
.098
2.50
.209
5.30
.106
2.70 Travel
.102
2.60
.338
8.60
.590
15.00
.575
14.60
.657
16.70
.049
1.25
.020
0.50
.093
2.35
.010
0.25
.016
0.40
.094
2.40
.112
2.85
BLACK
.124
3.15
.185
4.70
.115
2.93
.421
10.70
P.C.B LAYOUT
Bottom View
SPST
Ø
2.00
Ø
2.50
Ø
6.30
Ø
6.50
SAJ-004
SAJ-005
PIN Ø A Ø B
ODEL
Dimensions
.307
7.80
.421
10.70
.118
3.00
.039
1.00
.189
4.80
.138
3.50
.039
1.00
.039
1.00
.547
13.90
1#
2#
3#
.748
19.00
.496
12.60
.102
2.60
.209
5.30
.394
10.00
.718
18.25
.577
14.65
.020
0.50
.106
2.70 TRAVEL
.020
0.50
.010
0.25
.092
2.35
.016
0.40
Ø
B
PIN ØA
.630
16.00
.098
2.50
.112
2.85
.094
2.40
EPO Y
RESIN
ON/OFF


Similar Part No. - SAJ

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
Tantalum Capacitors
logo
Eravant
SAJ-007-S1-0.71 ERAVANT-SAJ-007-S1-0.71 Datasheet
314Kb / 3P
Trihedral Corner Reflector, 18 mm
Rev 1.4
SAJ-014-S1 ERAVANT-SAJ-014-S1 Datasheet
343Kb / 3P
Trihedral Corner Reflector, 1.4”
Rev 1.4
SAJ-018-S1 ERAVANT-SAJ-018-S1 Datasheet
356Kb / 3P
Trihedral Corner Reflector, 1.8”
Rev 1.2
SAJ-020-S1-1.97 ERAVANT-SAJ-020-S1-1.97 Datasheet
316Kb / 3P
Trihedral Corner Reflector, 50 mm
Rev 1.4
More results

Similar Description - SAJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
logo
Omron Electronics LLC
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
DIP Switch with Slide Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com