Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHSA Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SHSA
Description  Non-contact hall sensor, extremely 4M long-life with light force
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SHSA Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SHSA Datasheet HTML 1Page - Apex Electronics Co., Ltd SHSA Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SHSA Series
Non-contact hall sensor, extremely 4M long-life with light force
01
Features
Non-contact hall sensor for extremely long-life
Light slide force for intense and quick operation
45-mm travel
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for high-end audio mixer, stage lighting, or video editing
Potentiometer Specification
How to order
SHSA
Series
Travel
45 45mm
Lever Style
Operating Temperature
-10°C to +70°C
Operating Force
20gf max.
Input Voltage
5V ± 3%
Output Signal
Absolute Voltage
Output Error
3% max.
Stroke Resolution
5 points/ mm
Slide Travel
45mm
Life Cycle
4,000,000
A1
11mm
A2
15mm
B3
8.2mm
(Refer page 2 for detail)


Similar Part No. - SHSA

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SHS-165F HANWHAVISION-SHS-165F Datasheet
412Kb / 2P
Flush Mount with Cover
SHS-165F HANWHAVISION-SHS-165F Datasheet
808Kb / 5P
2MP Intercom
logo
Pro-Power
SHS-300-4012-BLK PROPOWER-SHS-300-4012-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
SHS-300-4012-BLK PROPOWER-SHS-300-4012-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
SHS-300-6022-BLK PROPOWER-SHS-300-6022-BLK Datasheet
176Kb / 2P
Heat Shrink Tubing
17/08/12 V1.0
More results

Similar Description - SHSA

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
NON-CONTACT ANGLE SENSOR
logo
OptoSupply Internationa...
OEMC57I12KP-XXXME1E1E OPTOSUPPLY-OEMC57I12KP-XXXME1E1E Datasheet
101Kb / 3P
Green light source, fast response Long life, easy installation
OEMCA0I18KP-XXXME1E1E OPTOSUPPLY-OEMCA0I18KP-XXXME1E1E Datasheet
101Kb / 3P
Green light source, fast response Long life, easy installation
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR ALPS-HSFPAR Datasheet
250Kb / 1P
Force Sensor
RD6R1A ALPS-RD6R1A Datasheet
1,019Kb / 4P
Long-life sensor supporting absolute linearity
RDCC0 ALPS-RDCC0 Datasheet
946Kb / 4P
Non-contact magnetic rotary sensor achieving high precision and long life
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
Defined contact force ensures that contact remains stable over the long term
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
Force Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com