Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SPA
Description  Miniature pushbutton switches, optional LED, IP67
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPA Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SPA Datasheet HTML 1Page - Apex Electronics Co., Ltd SPA Datasheet HTML 2Page - Apex Electronics Co., Ltd SPA Datasheet HTML 3Page - Apex Electronics Co., Ltd SPA Datasheet HTML 4Page - Apex Electronics Co., Ltd SPA Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPA Series
Miniature pushbutton switches, optional LED, IP67
01
SPAS8 On-Mom.
SPAS9 Off-Mom.
SPAD9 Off-Mom.
MODEL NO. ACTUATOR
BUSHIBG
RoHS
SOLDERING
RoHS soldering
TERMINATIONS TERMINAL
PLATING
SEAL
CAPS
M1
M2
M51
M6
M6N
M7
M7N
VS2
V2N
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
Vertical rightangle, snap-in, PC thru-hole
9.30 high, V-bracket
9.30 high, snap-in V-bracket
Terminations
Terminal plating
Q Gold flash over silver
R Gold
C Gold over silver
E EPOXY (std)
Seal
C2
C5
Caps
Model NO.
P1
P1
Actuator
5.46 high for SPST
5.90 high for SPDT
A1 4.50 high
A2 4.50 high (only DPST)
Bushing
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Cap color
CAP
COLOR
See below
E
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 5.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6, flame retardand,
heat stabilized ( UL94V-0 ).
PLUNGER: Thermoplastic Polyester (UL 94V-0),
with intenal O-ring seal.
SWITCH SUPPORT: Brass or steel electrotin plated.
CONTACT: Copper alloy,with silver or gold plated.
(See Page 5)
(See Page 5,SPM series)
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - SPA

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SPA CRYDOM-SPA Datasheet
437Kb / 4P
PCB Mount
logo
C&K Components
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
Single In-line Package Switches
logo
StarHope
SPA SPSEMI-SPA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
Cornell Dubilier Electr...
SPA CDE-SPA Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
logo
Sanyou Corporation Limi...
SPA SANYOU-SPA Datasheet
126Kb / 2P
Miniature Power Relay
More results

Similar Description - SPA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com