Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SPB
Description  Miniature pushbutton switches, optional LED, IP67, SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPB Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SPB Datasheet HTML 1Page - Apex Electronics Co., Ltd SPB Datasheet HTML 2Page - Apex Electronics Co., Ltd SPB Datasheet HTML 3Page - Apex Electronics Co., Ltd SPB Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPB Series
Miniature pushbutton switches, optional LED, IP67, SMD
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 4.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6,flame retardant,
heat stabilized (UL94v-0).
PLUNGER: Thermoplastic Polyester (UL 94V-0),
with intenal O-ring seal.
SWITCH SUPPORT: Brass,tin plated.
CONTACT / TERMINALS: Silver or gold plated copper alloy.
(See Page 4)
HOW TO ORDER
MODEL NO.
RoHS
SOLDERING
L
A
N
I
M
R
E
T
S
N
O
I
T
A
N
I
M
R
E
T
PLATING
SEAL
Model NO.
SPBS8 On-Mom.
SPBS9 Off-Mom.
E EPOXY (std)
MT
MZ
(STD) Right angle, surface mount.
(STD)
Terminations
RoHS soldering
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
E
RoHS Compliant
RoHS & Lead Free
S


Similar Part No. - SPB

ManufacturerPart #DatasheetDescription
logo
StarHope
SPB SPSEMI-SPB Datasheet
728Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
Marathon Special Produc...
SPB 600 MARATHON-SPB 600 Datasheet
138Kb / 1P
Terminal Block Accessories
SPB 601 MARATHON-SPB 601 Datasheet
138Kb / 1P
Terminal Block Accessories
SPB 602 MARATHON-SPB 602 Datasheet
138Kb / 1P
Terminal Block Accessories
SPB 603 MARATHON-SPB 603 Datasheet
138Kb / 1P
Terminal Block Accessories
More results

Similar Description - SPB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com