Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2818 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # Q2818
Description  Miniature pushbutton switches, optional LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q2818 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  Q2818 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 6Page - Apex Electronics Co., Ltd Q2818 Datasheet HTML 7Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPM Series
Miniature pushbutton switches, optional LED
01
SPMS8 On-Mom.
SPMS9 Off-Mom.
MODEL NO.
BUSHING
ACTUATOR
RoHS
SOLDERING
TERMINATIONS TERMINAL
PLATING
SEAL
CAPS
M1
M2
M5
M6
M6N
M7
M7N
VS2
V2N
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
Vertical rightangle, snap-in,
PC thru-hole
8.94 high, V-bracket
8.94 high, snap-in V-bracket
Terminations
Q Silver
R Gold
C Gold over silver
E EPOXY (std)
N NO EPOXY
Seal
C1
C3
C4
Caps
P1 3.94 high
P1B10 4.10 high (std)
Actuator
Model NO.
B05
B06
B07
B08
B09
B10
AP1
5.59 high,flat (thd)
5.59 high,flat (non-thd)
5.59 high (non-thd)
7.87 high (non-thd)
7.87 high (thd)
3.30 high
Snap-in with frame
Bushing
P1 4.29 high
Actuator
SPMSL On-On
Model NO.
B05
B06
5.24 high,flat (thd)
5.24 high,flat (non-thd)
Bushing
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
CAP
COLOR
FRAME
COLOR
Frame/Cap color
See below
(only for bushing AP1)
CAP
COLOR
See below
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
RoHS soldering
Terminal
plating
SPMD9 Off-Mom
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 7.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE: Diallyl phthalate(DAP) (UL94V-0).
PLUNGER: Nylon 6/6,black.
BUSHING: Brass or zinc,nickel plated.
HOUSING: Stainless Steel.
SWITCH SUPPORT: Brass.tin plated.
CONTACT/TERMINAL: Copper alloy or Brass, with silver or gold
plated.(See Page 7)
(See Page 5)
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - Q2818

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q28.0-JAG75P4-12-30 JAUCH-Q28.0-JAG75P4-12-30 Datasheet
146Kb / 1P
4 Pad Version
Q28.0-JAG75P4-12-50 JAUCH-Q28.0-JAG75P4-12-50 Datasheet
146Kb / 1P
4 Pad Version
Q28.0-JAG84P2-12-30 JAUCH-Q28.0-JAG84P2-12-30 Datasheet
142Kb / 1P
2 Pad Version
Q28.0-JAG84P2-12-50 JAUCH-Q28.0-JAG84P2-12-50 Datasheet
142Kb / 1P
2 Pad Version
Q28.0-S-30-30/30--FU-LF JAUCH-Q28.0-S-30-30/30--FU-LF Datasheet
170Kb / 2P
QuQarutza rCtzr yCsrtyasl
More results

Similar Description - Q2818

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com