Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SPU
Description  Ultra-miniature pushbutton switches, optional LED, IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPU Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SPU Datasheet HTML 1Page - Apex Electronics Co., Ltd SPU Datasheet HTML 2Page - Apex Electronics Co., Ltd SPU Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPU Series
Ultra-miniature pushbutton switches, optional LED, IP67
01
HOW TO ORDER
W1
WR1
WR2
WR3
3.30 high (STD)
CAP (White)
CAP (Black std)
CAP (Red)
SPUS8 SP On-Mom.
SPUD8 DP On-Mom.
SPUS9 SP Off-Mom.
SPUD9 DP Off-Mom.
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS
TERMINAL
MATERIAL
SEAL
E EPOXY (std)
M2
M6
M7
PC thru-hole
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
Terminations
Terminal material
R Gold
Seal
Model NO.
C2 1.60 high (STD)
Housing
Actuator
HOUSING
E
RoHS Compliant
RoHS & Lead Free
S
SPECIFICATIONS
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL LIFE: 40,000 make-and-break cycles.
CONTACT RESISTANCE: Below 100 m typ. initial @ 2-4VDC,
100mA.
INSULATION RESISTANCE: 500 M min.
DIELECTRIC STRENGTH: 500 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
HOUSING AND BASE:Glass filled nylon 6/6 or 4/6 , flame retardant
,heat stabilized(UL94V-0)
ACTUATOR:Glass filled nylon 6/6 , flame retardant, heat stabilized
(UL94V-0), with standard internal o-ring seal.
SWITCH SUPPORT: Steel,with Sn plate.
CONTACTS/TERMINALS: Gold plated copper alloy.


Similar Part No. - SPU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SPU VISHAY-SPU Datasheet
76Kb / 3P
Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal
27-Feb-12
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
1500 VA/ 900W line interactive UPS
logo
Hanwha Vision Co., Ltd....
SPU-60240 HANWHAVISION-SPU-60240 Datasheet
400Kb / 3P
Adapter
SPU-60241 HANWHAVISION-SPU-60241 Datasheet
893Kb / 3P
Adapter
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
More results

Similar Description - SPU

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com