Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRE12PV Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SRE12PV
Description  12mm rotary encoder, insulated shaft, vertical or horizontal type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRE12PV Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SRE12PV Datasheet HTML 1Page - Apex Electronics Co., Ltd SRE12PV Datasheet HTML 2Page - Apex Electronics Co., Ltd SRE12PV Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0123567879


59
9







9



 !"#%&
'
%(
!"))&
*+,&
-%./*0%&
1'
.(23
,+%0(4,5
+16%&
+'
/,3*&4*&
'
7*.+,3+-8%
12
:;<=
>?;@
A20B0C6D9



E9
D


F9
9
G

9
H9
I

9

J

K
9H
 L HD

MD



9
H9
A
A
A
A
NOOP
Q
R<=
Q
ST@
UTRSV;?WO;RQ
X
Q
R<=
Q
ST
69 
9
 

DD



6D9
G
9





GD
B
B
9
B
D

9
B9

 
6D9
 YDHG


6
G
G

Z
 [
M


Z
 [
\9




Z
 [
]
D9






^
9




^


_D
Z
G
A [
E


9
9

G
Z
J 9
[
1
20
20
0C
C
`
0
1
0C
0C
`
a
`
0
0a1b^M
211KcK]
Y
`11b5M
2

`1d011
21B
111
WfQ
=
RgWO;RQ
X
Q
R<=
Q
ST
E


M




]
D9






^
9




M



h
9G

Z
[
I


G

Z
G
[
I



9

G
Z
J 9
[
^Mab
215
211c
0a1b^M
211KcK]
Y
`11b5M
2

6i\F
IY
1
a
C11j011
21B
111
kSf=
SS?V;?
 !"#
\


66E
20 206D9

^ 
2 Y

0 l


mD
B\G B\

69

G
0
0C 0C6D9

KD 

b b

9
F F

n
9


Similar Part No. - SRE12PV

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SRE12D APEX-ELECTRONICS-SRE12D Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
logo
Solid States Devices, I...
SRE12UF SSDI-SRE12UF Datasheet
46Kb / 2P
0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
SRE12UFS SSDI-SRE12UFS Datasheet
46Kb / 2P
0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
SRE12UFSMS SSDI-SRE12UFSMS Datasheet
46Kb / 2P
0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
SRE12UFSMSS SSDI-SRE12UFSMSS Datasheet
46Kb / 2P
0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
More results

Similar Description - SRE12PV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
12mm Rotary Encoder with LED
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
12 mm Insulated Shaft Rotary Encoder with LED
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
12mm Rotary Encoder
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
12mm Rotary Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com