Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q28 Datasheet(PDF) 7 Page - Apex Electronics Co., Ltd

Part # Q28
Description  Miniature pushbutton switches, optional LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q28 Datasheet(HTML) 7 Page - Apex Electronics Co., Ltd

  Q28 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 6Page - Apex Electronics Co., Ltd Q28 Datasheet HTML 7Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPM Series
Miniature pushbutton switches, optional LED
07
2
3
1
2
3
1
.200
5.08
.319
8.10
.030
0.76
Ø
.240
Ø
6.10
.225
5.72
.154
3.91
.030
0.76
.016
0.40
.201
5.10
Ø
.098
Ø
2.50
.030
0.76
.201
5.10
Ø
.240
Ø
6.10
.319
8.10
.100
2.54
.100
2.54
.217
5.51
Ø
.098
Ø
2.50
.169
4.29
.206
5.24
.379
9.62
.016
0.40
.020
0.50
.100
2.54
Ø
.043
Ø
1.09
.225
5.72
.200
5.08
.100
2.54
Ø
.043
Ø
1.09
.217
5.51
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
Part No. Shown : SPMSLP1B06M6QE
Part No. Shown : SPMSLP1B06M7QE
Part No. Shown : SPMSLP1B06VS2QE
3
1
3
1
2
2
M6
SPDT
M7
SPDT
VS2
SPDT
Ø
.043
Ø
1.09
.400
10.16
.100
2.54
.030
0.76
.020
0.50
.100
2.54
.379
9.62
.206
5.24
.168
4.29
EPOXY SEAL
EPOXY SEAL
3
2
1
1 2 3
.098
2.50
.100
2.54
.016
0.40
.020
0.50
.400
10.16
.130
3.30
.030
0.76
.372
9.45
.168
4.29
.206
5.24
EPOXY SEAL
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com