Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AF42 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # 2AF42
Description  Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

2AF42 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  2AF42 Datasheet HTML 1Page - Apex Electronics Co., Ltd 2AF42 Datasheet HTML 2Page - Apex Electronics Co., Ltd 2AF42 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE11S Series
Slim rotary encoder, 11mm diameter, SMD or thru-hole
03
Shaft and bushing part no.
Part No.
Switch
Shaft Material
Shaft Trim
Shaft length(L1)
Bushing length(LB)
0DK21
Without
diecast
knurled
9.5mm
5mm
1DK21
0.5mm stroke
diecast
knurled
9.5mm
5mm
1DK31
0.5mm stroke
diecast
knurled
13.5mm
5mm
2DK21
1.5mm stroke
diecast
knurled
9.5mm
5mm
2DK31
1.5mm stroke
diecast
knurled
13.5mm
5mm
0AK31
Without
aluminum
knurled
15mm
5mm
0AK42
Without
aluminum
knurled
20mm
7mm
1AK31
0.5mm stroke
aluminum
knurled
15mm
5mm
1AK42
0.5mm stroke
aluminum
knurled
20mm
7mm
2AK31
1.5mm stroke
aluminum
knurled
15mm
5mm
2AK42
1.5mm stroke
aluminum
knurled
20mm
7mm
0AF31
Without
aluminum
flat
15mm
5mm
0AF42
Without
aluminum
flat
20mm
7mm
1AF31
0.5mm stroke
aluminum
flat
15mm
5mm
1AF42
0.5mm stroke
aluminum
flat
20mm
7mm
2AF31
1.5mm stroke
aluminum
flat
15mm
5mm
2AF42
1.5mm stroke
aluminum
flat
20mm
7mm
Model
Dimensions
SRE11SVS
Vertical type, SMD
With or without switch
,
,
SRE11SVT
Vertical type, through hole
With or without switch
,
,
Product Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com