Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUS9WR2C2M7RES Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # SPUS9WR2C2M7RES
Description  Ultra-miniature pushbutton switches, optional LED, IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPUS9WR2C2M7RES Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  SPUS9WR2C2M7RES Datasheet HTML 1Page - Apex Electronics Co., Ltd SPUS9WR2C2M7RES Datasheet HTML 2Page - Apex Electronics Co., Ltd SPUS9WR2C2M7RES Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPU Series
Ultra-miniature pushbutton switches, optional LED, IP67
03
M6
DPDT
P.C. MOUNTING
Part No. Shown : SPUD8WR2C2M6RE
M6
SPDT
P.C. MOUNTING
Part No. Shown : SPUS8WR2C2M6RE
M7
DPDT
P.C. MOUNTING
Part No. Shown : SPUD8WR2C2M7RE
M7
SPDT
P.C. MOUNTING
Part No. Shown : SPUS8WR2C2M7RE
SOLDERING PROCESSES
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec.(PCB is 1.6mm in thickness)
4 5 6
6 5 4
6 5 4
3 2 1
4 5 6
1 2 3
4
5
6
4
5
6
1
2
3
1
2
3
.100
2.54
.100
2.54
.100
2.54
.200
5.08
.100
2.54
.100
2.54
.200
5.08
.100
2.54
.100
2.54
.200
5.08
Ø
.035
Ø
0.89
.200
5.08
Ø
.035
Ø
0.89
Ø
.035
Ø
0.89
.100
2.54
.200
5.08
Ø
.035
Ø
0.89
.200
5.08
.020
0.50
.276
7.00
.100
2.54
.100
2.54
.303
7.68
.063
1.60
.178
4.50
.200
5.08
.126
3.20
.200
5.08
Ø
.169
Ø
4.30
.031
0.80
.047
1.20
Ø
.158
Ø
4.00
.150
3.80
.039
1.00
TRAVEL
.193
4.90
3
3
6
2 1
.020
0.50
.276
7.00
.100
2.54
.100
2.54
.303
7.68
.063
1.60
.178
4.50
.200
5.08
.126
3.20
.200
5.08
Ø
.169
Ø
4.30
.031
0.80
.047
1.20
Ø
.158
Ø
4.00
.150
3.80
.039
1.00
TRAVEL
.193
4.90
Ø
.169
Ø
4.30
.031
0.80
.047
1.20
.229
5.83
.276
7.00
.100
2.54
.100
2.54
.200
5.08
.126
3.20
Ø
.158
Ø
4.00
.178
4.50
.016
0.40
.100
2.54
.209
5.30
.012
0.30
.100
2.54
.063
1.60
.150
3.80
.039
1.00
TRAVEL
Ø
.169
Ø
4.30
.031
0.80
.047
1.20
.229
5.83
.276
7.00
.100
2.54
.100
2.54
.200
5.08
.126
3.20
Ø
.158
Ø
4.00
.178
4.50
.016
0.40
.100
2.54
.209
5.30
.012
0.30
.100
2.54
.063
1.60
.150
3.80
.039
1.00
TRAVEL
6 5 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com