Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRE11HT53F2021 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SRE11HT53F2021
Description  Rotary encoder switch, 11mm diameter, metal shaft & bushing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRE11HT53F2021 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SRE11HT53F2021 Datasheet HTML 1Page - Apex Electronics Co., Ltd SRE11HT53F2021 Datasheet HTML 2Page - Apex Electronics Co., Ltd SRE11HT53F2021 Datasheet HTML 3Page - Apex Electronics Co., Ltd SRE11HT53F2021 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE11 Series
Rotary encoder switch, 11mm diameter, metal shaft & bushing
01
Features
Durable metal shaft & bushing
8, 15, 16, 20 Purse per Revolution
Low-noise design for 120RPM or 180RPM max.
Momentary switch available
Up to 100,000 long-life cycles
Excellent detent feel
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.
Encoder Specification
Pulse
Number of
detent
Phase difference
(msec)
Chattering
(msec)
Sliding noise
(msec)
Insulation
resistance
Dielectric
strength
Detent torque
(gf cm)
Rotational
life (cycle)
0
8
16
4
3
3
0
15
30
6
2
2
0
16
16
4
3
3
0
20
20
4
2
2
250V DC
100M MIN
300V AC
1 min
30~200
15,000
Switch Specification
Rating
Contact
resistance
Insulation
resistance
Dielectric
strength
Contact
arrangement
Travel of
switch (mm)
Operating
force (gf)
Operating
life(cycle)
0.5
600±300
DC 5V10 mA
100 m
250V DC
100M MIN
300V AC
1 min
PUSH
ON
1.5
400±200
20,000
How to order
SRE11
Series
PPR
Mounting
VT Vertical
HT Horizontal
08 8 Pulse
15 15 Pulse
16 16 Pulse
20 20 Pulse
Detent
1 No detent
2 With detent
Momentary Switch
1 No Switch
2 0.5mm Stroke Switch
3 1.5mm Stroke Switch
Bushing & Shaft
53F 5mm bushing, 15mm shaft, flat
53K 5mm bushing, 15mm shaft, knurled
54F 5mm bushing, 20mm shaft, flat
54K 5mm bushing, 20mm shaft, knurled
73F 7mm bushing, 15mm shaft, flat
73K 7mm bushing, 15mm shaft, knurled
74F 7mm bushing, 20mm shaft, flat
74K 7mm bushing, 20mm shaft, knurled


Similar Part No. - SRE11HT53F2021

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SRE11DHTBXXXXX121X APEX-ELECTRONICS-SRE11DHTBXXXXX121X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX122X APEX-ELECTRONICS-SRE11DHTBXXXXX122X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX241X APEX-ELECTRONICS-SRE11DHTBXXXXX241X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX242X APEX-ELECTRONICS-SRE11DHTBXXXXX242X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DVTBXXXXX121X APEX-ELECTRONICS-SRE11DVTBXXXXX121X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
More results

Similar Description - SRE11HT53F2021

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8182 BOURNS-8182 Datasheet
262Kb / 5P
Metal shaft and bushing
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
584Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
EN11 BITECH-EN11_11 Datasheet
144Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
11mm Rotary Encoder
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
logo
Bi technologies
EN11 BITECH-EN11_15 Datasheet
125Kb / 4P
11mm Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com