Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS45-08IO1 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CS45-08IO1
Description  Isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CS45-08IO1 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CS45-08IO1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited CS45-08IO1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited CS45-08IO1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isc Thyristors
CS45-08io1
www.iscsemi.com
1
FEATURES
· Planar passivated chip
· Thyristor for line frequency
· Long-term stability
APPLICATIONS
· Softstart AC motor control
· DC Motor control
· Power converter
· AC power control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
ITAV
Average forward current TC = 110°C
45
A
IT(RMS)
RMS forward current 180° sine
71
A
ITSM
Max. forward surge current
t = 10 ms; (50 Hz), sine TJ = 45°C
520
A
t = 8,3 ms; (60 Hz), sine VR = 0 V
560
A
I2t
I2t Value for Fusing
t = 10 ms; (50 Hz), sine TJ = 45°C
1.35
kA2S
t = 8,3 ms; (60 Hz), sine VR = 0 V
1.31
kA2S
PG(AV)
Average Gate Power Dissipation
0.5
W
PGM
Max. gate power dissipation tP = 300µs
5
W
TJ
Operating Junction Temperature
-40~150
℃
Tstg
Storage Temperature
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.4
℃
/W
1 2
3


Similar Part No. - CS45-08IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
412Kb / 5P
Single Thyristor
More results

Similar Description - CS45-08IO1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com