Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC141D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SC141D
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SC141D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SC141D Datasheet HTML 1Page - Inchange Semiconductor Company Limited SC141D Datasheet HTML 2Page - Inchange Semiconductor Company Limited SC141D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
SC141D
www.iscsemi.com
1
FEATURES
·High Surge Current Capability
·Low switching losses
APPLICATIONS
· Motor controls
· Heating controls
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
400
V
IT(RMS)
Non Repetitive Surge Peak On-state Current
(All Conduction Angles; TC = 80°C)
6
A
ITSM
Non-repetitive Peak On-state Current
(One Cycle, 60 Hz)
80
A
I2t
I2t Value for Fusing (t=8.3ms)
26.5
A2S
PG(AV)
Average Gate Power Dissipation
(t = 8.3ms, TC = 80°C)
0.5
W
TJ
Operating Junction Temperature
-40~100
℃
Tstg
Storage Temperature
-40~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.2
℃
/W


Similar Part No. - SC141D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC141D ETC1-SC141D Datasheet
232Kb / 6P
6-A AND 10-A SILICON TRIACS
logo
Digitron Semiconductors
SC141D DIGITRON-SC141D Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - SC141D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com