Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD3 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # SMD3
Description  Miniature Slide Switch, multiple contact arrangement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SMD3 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  SMD3 Datasheet HTML 1Page - Apex Electronics Co., Ltd SMD3 Datasheet HTML 2Page - Apex Electronics Co., Ltd SMD3 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SM Series
Miniature Slide Switch, multiple contact arrangement
03
TERMINAL OPTIONS
M3
M1
M4
M2
.200
5.08
.400
10.16
.200
5.08
Ø
.035
Ø
0.90
.400
10.16
.200
5.08
Ø
.035
Ø
0.90
.200
5.08
.100
2.54
.200
5.08
Ø
.035
Ø
0.90
.100
2.54
.200
5.08
Ø
.035
Ø
0.90
M2
SPDT
M3
M1
M4
DPDT
SPDT
DPDT
SPDT
SPDT
DPDT
DPDT
P.C.B MOUNTING
WAVE SOLDERING: Recommended Soldering Temperature: 260 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES
.100
2.54
.020
0.50
.024
0.60
.200
5.08
.020
0.50
.024
0.60
.100
2.54
.020
0.50
.200
5.08
.020
0.50
.024
0.60
.200
5.08
.024
0.60
.200
5.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com