Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SS2
Description  Ecomimic Slide Switch, multiple contact arrangement
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SS2 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SS2 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SS2 Series
Ecomimic Slide Switch, multiple contact arrangement
01
MODEL OPTIONS
SPECIFICATIONS
RATING: 0.3A 50V DC
FUNCTION: 1P2T , 1P3T, 2P3T
TIMING: NON-SHORTING
CONTACT RESISTANCE:
INSULATION RESISTANCE:
OPERATION FORCE: 250gf, 300gf
PRACTICAL TEMPERATURE RANEG: -16°C to +60°C
SCHEMATIC
(NON-SHORTING)
P.C.B LAYOUT
BOTTOM VIEW
4.4
4.7
2-1.5
7.5
7.5
3.0
2
2.7
2-0.7
8.6
2
0.5
0.4 THK
0.3 THK
1.2
4
8.2
2
4
8.2
a
e
c
d
1
2
3
4
3-0.8
(SHORTING)
12.7
4.5
4.7
7.7
4.0
2
2
2 Travel
a
d
1
2
3
4
7.6
0.5
0.4 THK
2
4
8
12.3
c
e
0.3 THK
1.2
2
4
8
12.3
(SHORTING)
2.5
a
7
5.0
2
2 Travel
2
4
8
12.3
12.6
0.5
0.4 THK
2
4
8
12.3
d
e
f
c
0.3 THK
1.2
2.5
4.7
7.7
7.5
2
2.7
1
2
3
4
Part No.: SS2-1P2T
Part No.: SS2-1P3T
Part No.: SS2-2P3T


Similar Part No. - SS2

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SS2 JAUCH-SS2 Datasheet
106Kb / 2P
Quartz Crystal
logo
Rectron Semiconductor
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
Continental Device Indi...
SS2 CDIL-SS2 Datasheet
179Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
KITAGAWA GmbH
SS2 KGS-SS2 Datasheet
250Kb / 1P
Sound damper suppresses airborne and vibration sound simultaneously
SS2-1.0-T1 KGS-SS2-1.0-T1 Datasheet
250Kb / 1P
Sound damper suppresses airborne and vibration sound simultaneously
More results

Similar Description - SS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com