Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # STT
Description  Miniature Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STT Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  STT Datasheet HTML 1Page - Apex Electronics Co., Ltd STT Datasheet HTML 2Page - Apex Electronics Co., Ltd STT Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STT Series
Miniature Toggle switches
01
SPECIFICATIONS
CONTACT RATING: Max 0.4 VA max @ 48 VAC or DC
MECHANICAL LIFE: minimum 40,000 operations.
CONTACT RESISTANCE: 50 m max.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 500 Vrms min.@sea level.
OPERATING TEMPERATURE: -20°C to 85°C.
DEGREE OF PROTECTION: IP67
MATERIALS
ACTUATOR: Brass,chrome plated,internal O-ring seal.
Standard for all actuators.
BUSHING & HOUSING: SPCC
CASE: Glass filled nylon 6/6, flame retardant,heat stabilized
(UL94v-0)
SWITCH SUPPORT: Brass,tin plated.
CONTACT: Phosphor bronze gold - plated over nickel barrier.
TERMINALS: Brass,gold plated.
TERMINAL SEAL: Epoxy
MODEL NO.
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
Model NO.
STTS1 SP On-None-On
STTS2 SP On-None-Mom.
STTS3 SP On-Off -On
STTS4 SP Mom.-Off-Mom.
STTS5 SP On-Off-Mom.
STTS9 SP Off-None-On
STTD1 DP On-None-On
STTD2 DP On-None-Mom.
STTD3 DP On-Off -On
STTD4 DP Mom.-Off-Mom.
STTD5 DP On-Off-Mom.
E EPOXY (std)
M2
M6
M7
PC thru-hole
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
Terminations
RoHS soldering
Terminal plating
R Gold
Seal
E
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER


Similar Part No. - STT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT-104 ETC1-STT-104 Datasheet
76Kb / 1P
ENCAPSUALTED TRIGGER TRANSFORMER
logo
SamHop Microelectronics...
STT01L07 SAMHOP-STT01L07 Datasheet
139Kb / 8P
Super high dense cell design for low RDS(ON).
STT01L10 SAMHOP-STT01L10 Datasheet
132Kb / 8P
Super high dense cell design for low RDS(ON).
STT02N10 SAMHOP-STT02N10 Datasheet
140Kb / 8P
Super high dense cell design for low RDS(ON).
STT02N20 SAMHOP-STT02N20 Datasheet
140Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STT

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com