Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2226 Datasheet(PDF) 6 Page - Apex Electronics Co., Ltd

Part # Q2226
Description  Miniature toggle switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q2226 Datasheet(HTML) 6 Page - Apex Electronics Co., Ltd

  Q2226 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q2226 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q2226 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q2226 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q2226 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q2226 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STM Series
Miniature toggle switches
06
.018 THK
0.46
.276
7.00
10-48 UNS-2A
.315
8.00
Ø
.310
Ø
7.87
.047
1.19
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350oC
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5oC
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
HARDWARE
Supplied standard with
B1/ B3 bushing
Supplied standard with
B1 / B3 bushing
10-48 NUT
LOCKWASHER
SOLDERING PROCESSES
MNU-2M01
MNU-2M03
.312
7.92
.062
1.57
.362
9.19
1/4-40 UNS-2A
1/4 NUT
MNU-1M01A
LOCKING RING
LOCKING RING
.029
0.74
.065
1.65
.065
1.65
.029
0.74
Ø
.468
Ø
11.89
Ø
.468
Ø
11.89
Supplied standard with B7 bushing
Supplied standard with
B5/ B7 bushing
Supplied standard with B5 bushing
MNU-1M11
MNU-1M02
Supplied standard with
B5 / B7 bushing
0.46
.018 THK
LOCKWASHER
Ø
.425
Ø
10.80
MNU-1M03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com