Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVB Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # SVB
Description  Compact Slide Potentiometer, 15-100mm travel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVB Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  SVB Datasheet HTML 1Page - Apex Electronics Co., Ltd SVB Datasheet HTML 2Page - Apex Electronics Co., Ltd SVB Datasheet HTML 3Page - Apex Electronics Co., Ltd SVB Datasheet HTML 4Page - Apex Electronics Co., Ltd SVB Datasheet HTML 5Page - Apex Electronics Co., Ltd SVB Datasheet HTML 6Page - Apex Electronics Co., Ltd SVB Datasheet HTML 7Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVB Series
Compact Slide Potentiometer, 15-100mm travel
02
Insulated Lever Options
Lever D
Part No. A1
A2
A3
B1
B2
C1
C2
C3
D1
Length 10mm 15mm 19mm
10mm
15mm
10mm
15mm
19mm
5mm
Lever B
Lever C
Lever A
t=2
t=2
t=2
t=2
Metal Lever Options
Lever 3
Part No.
12
13
14
22
23
24
31
Length
15mm
20mm
25mm
15mm
20mm
25mm
10mm
Lever 2
Lever 1
t=1.2
t=1.2
t=1.2
Lever 6
Lever 7
Lever 8
Part No.
12
22
31
31
Length
15mm
15mm
10mm
10mm
Lever 5
t=1.2
t=1.2
t=1.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com