Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SVC
Description  Slide Potentiometer, 1M life cycle, high precision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVC Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SVC Datasheet HTML 1Page - Apex Electronics Co., Ltd SVC Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVC Series
Slide Potentiometer, 1M life cycle, high precision
01
Features
45, 100mm long travel
Rail design for smooth slide feel
Dual output
1 million long-life cycles
1 residual resistance for low-noise application
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for high-end audio mixer or video editing.
Potentiometer Specification
How to order
SVC
Series
Travel
45 45mm
Lever Length
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
100 100mm
Operating Temperature
-10°C to +70°C
Operating Force
30gf max.
Total Resistance
5, 10, 20, 50, 100, 250, 500 K
Total Resistance Tolerance
±20%
Residual Resistance
1 max.
Resistance Taper
Standard linear , custom linear or audio
Insulation Resistance
100M min.
Lever Wobble
0.5mm(One side)
Dielectric Strength
1,000VAC for 1-minute
Max. Operating Voltage
350VAC or 20VDC
Slide Travel
45 or 100 mm
Life Cycle
1,000,000
M1 15mm
M2 8.2mm


Similar Part No. - SVC

ManufacturerPart #DatasheetDescription
logo
Eravant
SVC-530160061-A1 ERAVANT-SVC-530160061-A1 Datasheet
222Kb / 1P
Wave-Glide™ Rail Protective Case
Rev 1.1
logo
Juniper Networks, Inc.
SVC-COR-QFX51-48M JUNIPER-SVC-COR-QFX51-48M Datasheet
722Kb / 14P
QFX5120 ETHERNET SWITCH
Jan 2024
SVC-COR-QFX5KC1-MS JUNIPER-SVC-COR-QFX5KC1-MS Datasheet
722Kb / 14P
QFX5120 ETHERNET SWITCH
Jan 2024
logo
Arista Networks, Inc
SVC-DCA-250-CV-NBD ARISTA-SVC-DCA-250-CV-NBD Datasheet
1Mb / 8P
CloudVision®
01/2024
SVC-DCA-300-CV-NBD ARISTA-SVC-DCA-300-CV-NBD Datasheet
1Mb / 8P
CloudVision®
01/2024
More results

Similar Description - SVC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL00501031ST ETC2-HPL00501031ST Datasheet
396Kb / 5P
High Life Cycle, High Temperature Capability
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
PTS BOURNS-PTS Datasheet
459Kb / 6P
High Grade Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com