Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2213 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # Q2213
Description  Miniature toggle switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q2213 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  Q2213 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q2213 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q2213 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q2213 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q2213 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q2213 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STM Series
Miniature toggle switches
03
.337
8.56
.215
5.44
.567
14.40
LOCKED
.630
16.00
UNLOCKED
.030
0.76
.579
14.73
LOCKED
.215
5.44
.640
16.26
UNLOCKED
.337
8.56
.030
0.76
1/4-40 UNS-2A
1/4-40 UNS-2A
TL1B25
TL2B25
1.
2.
.110
2.79
.160
4.06
.160
4.06
.030
0.76
.060
1.52
EPOXY
SEAL
.160
4.06
.060
1.52
.030
0.76
EPOXY
SEAL
EPOXY
SEAL
.030
0.76
EPOXY
SEAL
.130
3.30
.030
0.76
.130
3.30
.200
5.08
.110
2.79
.370
9.40
.220
5.59
Ø
.100
Ø
2.54
.310
7.87
Ø
.100
Ø
2.54
.220
5.59
.220
5.59
.310
7.87
.290
7.37
Ø
.100
Ø
2.54
Ø
.100
Ø
2.54
Ø
.100
Ø
2.54
.410
10.41
.220
5.59
.210
5.33
.020(0.51) THK.
.020(0.51) THK.
.020(0.51) THK.
.030
0.76
EPOXY
SEAL
.600
15.24
.060
1.53
.260
6.60
.244
6.20
.040
1.02
.028
0.71
.020
0.51
Ø
.280
Ø
7.10
.225
5.72
.020
0.51
.310
7.87
.173
4.39
Ø
.236
Ø
6.00
.020
0.51
.220
5.59
.015
0.38
.030
0.76
Ø
.236
Ø
6.00
.020
0.51
.220
5.59
Ø
.280
Ø
7.10
Double Pole
Double Pole
T1
T2
T3
T4
T5
1/4-40 UNS-2A
B2 NON-THD
B1 THD
10-48 UNS-2A
B5 THD
B6 NON-THD
10-48 UNS-2A
B4 NON-THD
B3 THD
B8 NON-THD
B7 THD
1/4-40 UNS-2A
1. 2 Positions Lock
2. 3 Positions Lock
T1,T2,T3 Actuator shown with B1 to B4 bushing, subtract 0.09 ( 2.29 ) for B5 bushing, subtract 0.04 ( 1.02 ) for B7 bushing.
T4,T5 Actuator shown with B5,B6 bushing, add 0.09 ( 2.29 ) for B1 to B3 bushing, add 0.05 ( 1.27 ) for B7 bushing.
Std for M1,M2 Terminal sub .016(.040) for M6,M7,VSX
NONE:
M2 PC Thru-hole
M1 Solder lug
M5 Wire Wrap
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINATION OPTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com