Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2214 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # Q2214
Description  Miniature toggle switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q2214 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  Q2214 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q2214 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q2214 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q2214 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q2214 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q2214 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STM Series
Miniature toggle switches
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 6.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 85°C.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
ACTUATOR: Brass, chrome plated.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless Steel.
SWITCH SUPPORT: Brass,tin plated.
TERMINAL/CONTACT: Brass or copper alloy,with Silver or gold
plated.(See Page 6 )
BUSHING
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
T1 9.40 high
T2 5.33 high
T3 7.37 high
T4 10.41 high
T5 5.59 high
TL1 Locking lever
16.00 high
TL2 Locking lever
16.26 high
Model NO.
STMS1 SP On-None-On
STMS2 SP On-None-Mom.
STMS3 SP On- Off -On
STMS4 SP Mom.-Off-Mom.
STMS5 SP On- Off -Mom.
STMS6 SP Off- None -On.
STMD1 DP On-None-On
STMD2 DP On-None-Mom.
STMD3 DP On- Off -On.
STMD6 DP On- On -On.
Actuator
E EPOXY (std)
N NO EPOXY
M1
M2
M5
M6
M6N
M7
M7N
VS2
V2N
VS3
V3N
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
Vertical right angle, snap-in, PC thru-hole
V-bracket
Snap-in V-bracket
V-bracket
Snap-in V-bracket
Terminations
Bushing
RoHS soldering
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
RoHS Compliant
RoHS & Lead Free
S
5.59 high,flat (thd)
5.59 high,flat (non-thd)
5.59 high,keyway (thd)
5.59 high,keyway (non-thd)
7.87 high,flat (thd)
7.87 high,flat (non-thd)
6.60 high,keyway (thd)
6.60 high,keyway (non-thd)
8.00 high,keyway,locking lever (thd )
B1
B2
B3
B4
B5
B6
B7
B8
B25
HOW TO ORDER


Similar Part No. - Q2214

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
Q2211 MULTICOMP-Q2211 Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
05/05/20 V1.0
Q2212 MULTICOMP-Q2212 Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
05/05/20 V1.0
Q2213 MULTICOMP-Q2213 Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
05/05/20 V1.0
More results

Similar Description - Q2214

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com