Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T32A34R Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T32A34R
Description  3.0X2.0mm tact switch, ultra low-profile, SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T32A34R Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T32A34R Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
T32A Series
3.0X2.0mm tact switch, ultra low-profile, SMD
01
Product Features
‧
3.0X2.0mm minature packaging
0.6mm thin thickness
500,000 opertional life
IP67 water resistance
Custom options available
‧
‧
‧
‧
Applications
Panel control that requires tactile switch with compact features
Popular for applications in handheld, audio, and navigation devices
Specification
Drawing
Operating Temperature
-20°C to +70°C
Operating Force
160, 240, 340 gf
Travel
0.15mm
Total Height
0.35mm
Power Rating
12 VDC at 50mA
Contact Resistance
500mΩ
Insulation Resistance
50MΩ
Dielectrical Strength
100VAC for 1-minute
Life Cycle
500,000
0.85
B
A
3.5
3
0.38
0.6
(3.2)
3.8
2.7
Circuit diagram
A
B
Part No.
Operating Force
Operating Life
T32A16R
160 gf
500,000
T32A24R
240 gf
500,000
T32A34R
340 gf
300,000


Similar Part No. - T32A34R

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T32-003N-A3D MAGNETROL-T32-003N-A3D Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
logo
EPCOS
T32-A230X EPCOS-T32-A230X Datasheet
57Kb / 4P
SURGE ARRESTER 3-electrode arrester
T32-A230XF1 EPCOS-T32-A230XF1 Datasheet
59Kb / 4P
SURGE ARRESTER 3-electrode arrester
logo
TE Connectivity Ltd
T3209091201-000 TEC-T3209091201-000 Datasheet
282Kb / 4P
T1240100129-000
logo
AU Optronics Corp.,
T320XVN02-9 AUO-T320XVN02-9 Datasheet
866Kb / 28P
T320XVN02.9 SKD Product Specification
Rev 1.0 2013/2/06
More results

Similar Description - T32A34R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STJN-4 BOURNS-STJN-4 Datasheet
166Kb / 1P
SMD Super-Thin Tact Switch
STJN-5 BOURNS-STJN-5 Datasheet
148Kb / 1P
SMD Thin Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
Low-profile Tact Switch
logo
List of Unclassifed Man...
SKQGAEE010 ETC2-SKQGAEE010 Datasheet
178Kb / 5P
TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
Bourns Electronic Solut...
SDTM-610-KTR BOURNS-SDTM-610-KTR Datasheet
201Kb / 2P
SMD Tact Switch
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
Low-profile Tact Switch
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
Low Profile Tact Switch
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
Low Profile Tact Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com