Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T43DR16BB Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # T43DR16BB
Description  3.9*2.9mm tact switch, SMD, Side actuated, Low-profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T43DR16BB Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  T43DR16BB Datasheet HTML 1Page - Apex Electronics Co., Ltd T43DR16BB Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
T43DSeries
3.9*2.9mm tact switch, SMD, Side actuated, Low-profile
T43DG_ _B
T43DR
5.1
3.4
2 - Ø0.7
①
②
1.7
3.9
4.9
2 -
ø0.6
2.1
1.8
①
②
PCB Layout
①
②
1.7
3.9
2.1
4.4
①
②
PCB Layout
4.8
3.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com