Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTD2M2RES Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # STTD2M2RES
Description  Miniature Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STTD2M2RES Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  STTD2M2RES Datasheet HTML 1Page - Apex Electronics Co., Ltd STTD2M2RES Datasheet HTML 2Page - Apex Electronics Co., Ltd STTD2M2RES Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STT Series
Miniature Toggle switches
02
SWITCH FUNCTION
STTD2
STTD1
ON
ON
STTS1
STTS2
MODEL
NO.
STTS3
ON
ON
ON
POS.1
POS.3
CONNECTED TERMINALS / SCHEMATIC
MOM
ON
NONE
NONE
POS.3
MOM
ON
NONE
NONE
OFF
ON
STTS4
STTS5
STTS9
MOM
ON
OFF
MOM
MOM
OFF
OFF
STTD3
ON
OFF
ON
STTD4
STTD5
MOM
ON
MOM
MOM
OFF
OFF
NONE
ON
POS.2
2-3
POS.1
POS.2
OPEN
2-1
2-1
NO.
POLES
SP
N/A
2 (COMM)
1
3
2 (COMM)
1
3
DP
OPEN
N/A
N/A
OPEN
4
-
5
,
1
-
2
6
-
5
,
3
-
2
2(COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
MOM=MOMENTARY
SWITCH FUNCTION
POLE OPTIONS
M2
.100
2.54
M2
.100
2.54
Ø
.039
Ø
1.0
.100
2.54
.050
1.27
P.C. MOUNTING
P.C. MOUNTING
SPDT
Part No. Shown : STTS1M2RES
DPDT
Part No. Shown : STTD1M2RES
3
2
1
6
5
4
EPOXY SEAL
3
2
1
3
2
1
.374
9.5
Ø
.157
Ø
4.0
.197
5.0
.011
0.3
.100
2.54
.024
0.6
.157
4.0
.130
3.3
.315
8.0
28°
3
2
1
.374
9.5
Ø
.157
Ø
4.0
.197
5.0
.011
0.3
.100
2.54
.024
0.6
.157
4.0
.240
6.1
.130
3.3
.315
8.0
.100
2.54
.240
6.1
28°
Ø
.098
Ø
2.5
Ø
.098
Ø
2.5
6
5
4
EPOXY SEAL
Ø
.039
Ø
1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com