Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTD2M7RES Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # STTD2M7RES
Description  Miniature Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STTD2M7RES Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  STTD2M7RES Datasheet HTML 1Page - Apex Electronics Co., Ltd STTD2M7RES Datasheet HTML 2Page - Apex Electronics Co., Ltd STTD2M7RES Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STT Series
Miniature Toggle switches
03
M6
DPDT
P.C. MOUNTING
Part No. Shown : STTD1M6RES
M6
SPDT
P.C. MOUNTING
Part No. Shown : STTS1M6RES
M7
DPDT
.300
7.62
.100
2.54
P.C. MOUNTING
Part No. Shown : STTD1M7RES
6
4
5
3
1
2
.100
2.54
M7
SPDT
.300
7.62
.100
2.54
Ø
.039
Ø
1.0
Ø
.039
Ø
1.0
P.C. MOUNTING
Part No. Shown : STTS1M7RES
.100
2.54
3
1
2
.100
2.54
Ø
.039
Ø
1.0
.100
2.54
3 2 1
.300
7.62
.200
5.08
6 5 4
.070
1.8
.039
0.7
.130
3.3
Ø
.098
Ø
2.5
.157
4.0
.236
6.0
.015
0.4
.100
2.54
.374
9.5
.122
3.1
.196
5.0
Ø
.157
Ø
4.0
.220
5.6
.100
2.54
.023
0.6
.114
2.9
4 5 6
.300
7.62
.011
0.3
EPOXY SEAL
2
1
3
2
1
3
5
4
6
EPOXY
SEAL
.224
5.7
.385
9.8
.374
9.5
.236
6.0
.189
4.8
.300
7.62
.100
2.54x2
EPOXY
SEAL
.224
5.7
.385
9.8
.374
9.5
.236
6.0
.189
4.8
.300
7.62
.100
2.54x2
.199
5.05
28°
.011
0.3
.100
2.54
.199
5.05
28°
Ø
.098
Ø
2.5
Ø
.098
Ø
2.5
.100
2.54
.110
0.3
.100
2.54
.100
2.54
WAVE SOLDERING: Recommended Soldering Temperature: 260 ± 5°C
Duration of Solder Immersion: Max 5 sec.(PCB is 1.6mm in thickness)
.100
2.54
Ø
.039
Ø
1.0
3 2 1
.300
7.62
.200
5.08
.070
1.8
.039
0.7
.130
3.3
Ø
.098
Ø
2.5
.157
4.0
.236
6.0
.300
7.62
.015
0.4
.011
0.3
.374
9.5
.122
3.1
.196
5.0
Ø
.157
Ø
4.0
.220
5.6
.100
2.54
.023
0.6
1 2 3
EPOXY SEAL
SOLDERING PROCESSES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com