Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD1T1A2M2RES Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # STUD1T1A2M2RES
Description  Ultraminiature toggle switches, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STUD1T1A2M2RES Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  STUD1T1A2M2RES Datasheet HTML 1Page - Apex Electronics Co., Ltd STUD1T1A2M2RES Datasheet HTML 2Page - Apex Electronics Co., Ltd STUD1T1A2M2RES Datasheet HTML 3Page - Apex Electronics Co., Ltd STUD1T1A2M2RES Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STU Series
Ultraminiature toggle switches, IP67
01
SPECIFICATIONS
MECHANICAL LIFE: 40,000 make-and-break cycles.
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
CONTACT RESISTANCE:
100 mA.
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 500 Vrms min.@ sea level.
OPERATING TEMPERATURE: -30°C to 85°C
MATERIALS
HOUSING AND BASE: Glass filled nylon 6/6 or 4/6, flame retardant
, heat stabilized (UL94V-0)
ACTUATOR: Glass filled nylon 6/6, flame retardant, heat stabilized
(UL94V-0), with standard internal o-ring seal.
SWITCH SUPPORT:
CONTACT / TERMINALS:
HOW TO ORDER
HOUSING
MODEL NO.
ACTUATOR
ROHS
SOLDERING
TERMINATIONS
TERMINAL
MATERIAL
SEAL
T1
3.80×1.70(STD)
T29 3.80×2.00,Gray
Model No.
STUS1 SP On-None-On
STUS3 SP On-Off-On
STUS9 SP Off-None-On
STUD1 DP On-None-On
STUD3 DP On-Off-On
STUD9 DP Off-None-On
Actuator
E EPOXY (std)
M2
M6
M7
PC thru-hole
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
Terminations
Housing
RoHS soldering
Terminal material
R Gold
Seal
1.60 high (STD)
1.60 high,Black
A1
A2
E
RoHS & Lead Free
S


Similar Part No. - STUD1T1A2M2RES

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD102S SAMHOP-STUD102S Datasheet
126Kb / 10P
Super high dense cell design for low RDS(ON).
STUD10L01 SAMHOP-STUD10L01 Datasheet
114Kb / 8P
Super high dense cell design for low RDS(ON).
STUD10N10 SAMHOP-STUD10N10 Datasheet
125Kb / 10P
Super high dense cell design for low RDS(ON).
STUD10N20 SAMHOP-STUD10N20 Datasheet
126Kb / 10P
Super high dense cell design for low RDS(ON).
STUD10N25 SAMHOP-STUD10N25 Datasheet
134Kb / 10P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD1T1A2M2RES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GT11MCBE ITT-GT11MCBE Datasheet
565Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
Sealed Ultraminiature Toggle Switches
logo
C&K Components
GT11MCXE CK-COMPONENTS-GT11MCXE Datasheet
410Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
GT Series Sealed Ultraminiature Toggle Switches
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
Sealed Ultraminiature Toggle Switches
logo
List of Unclassifed Man...
3005C ETC2-3005C Datasheet
558Kb / 1P
IP67 Sealed Toggle Switches
3105C ETC2-3105C Datasheet
628Kb / 1P
IP67 Sealed Toggle Switches
3305C ETC2-3305C Datasheet
565Kb / 1P
IP67 Sealed Toggle Switches
logo
C&K Components
GT CK-COMPONENTS-GT Datasheet
847Kb / 6P
Sealed Ultraminiature Toggle Switches
4 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com