Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUD1 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # STUD1
Description  Ultraminiature toggle switches, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STUD1 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  STUD1 Datasheet HTML 1Page - Apex Electronics Co., Ltd STUD1 Datasheet HTML 2Page - Apex Electronics Co., Ltd STUD1 Datasheet HTML 3Page - Apex Electronics Co., Ltd STUD1 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STU Series
Ultraminiature toggle switches, IP67
04
SOLDERING PROCESSES
WAVE SOLDERING:
Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
Ø
.035
Ø
0.89
.100
2.54
.100
2.54
3
1
6
5
4
P.C. MOUNTING
M2
SPDT
Part No. Shown : STUS1T29A2M2RE
.276
7.00
.130
3.30
.100
2.54
.100
2.54
.276
7.00
.150
3.80
.063
1.60
.087
2.00
.020
0.50
.100
2.54
.178
4.50
.229
5.80
COLOR:GRAY
COLOR:BLACK
4
6
5
1
3
T29A2 type only for STUS1/STUS3/STUD1/STUD3 function
M6
SPDT
Part No. Shown : STUS1T29A2M6RE
Ø
.035
Ø
0.89
6 5 4
.200
5.08
.100
2.54
.200
5.08
P.C. MOUNTING
.303
7.68
.193
4.90
.200
5.08
.063
1.60
.150
3.80
.078
2.00
.178
4.50
.200
5.08
.020
0.50
.276
7.00
.100
2.54
.126
3.20
6
5
4
COLOR: GRAY
COLOR:BLACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com