Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVE45 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SVE45
Description  Low-profile Slide Potentiometer, 100K life cycle, high precision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVE45 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SVE45 Datasheet HTML 1Page - Apex Electronics Co., Ltd SVE45 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVE Series
Low-profile Slide Potentiometer, 100K life cycle, high precision
01
Features
45, 60, 100mm long travel
Rail design for smooth slide feel
100K long-life cycles
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for audio mixer or video editing.
Potentiometer Specification
How to order
SVE
Series
Travel
45 45mm
Lever
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
100 100mm
Refer to page 2
60 60mm
Operating Temperature
-10°C to +70°C
Operating Force
50gf max.
Total Resistance
5, 10, 20, 50, 100, 250, 500 K
Total Resistance Tolerance
±20%
Resistance Taper
Standard linear , custom linear or audio
Slide Travel
45, 60, 100 mm
Life Cycle
100,000
Output
S Single
D Dual
Tap
L No Tap
T With Tap


Similar Part No. - SVE45

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVE4-HS-R-HM8-2N-M8 FESTO-SVE4-HS-R-HM8-2N-M8 Datasheet
85Kb / 1P
Signal conditioner
SVE4-HS-R-HM8-2P-M8 FESTO-SVE4-HS-R-HM8-2P-M8 Datasheet
85Kb / 1P
Signal conditioner
SVE4-IS-R-HM8-2N-M8 FESTO-SVE4-IS-R-HM8-2N-M8 Datasheet
88Kb / 1P
Signal conditioner
SVE4-IS-R-HM8-2P-M8 FESTO-SVE4-IS-R-HM8-2P-M8 Datasheet
87Kb / 1P
Signal conditioner
SVE4-US-R-HM8-2N-M8 FESTO-SVE4-US-R-HM8-2N-M8 Datasheet
88Kb / 1P
Signal conditioner
More results

Similar Description - SVE45

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
PTS BOURNS-PTS Datasheet
459Kb / 6P
High Grade Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com