Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q22B14 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # Q22B14
Description  Miniature toggle switches, IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q22B14 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  Q22B14 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q22B14 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q22B14 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STB Series
Miniature toggle switches, IP67
03
PACKAGING
SCALE: 1 : 1
1.476
37.50
1.238
31.44
.087
2.20
12.992
330.00
.795
20.20
SCALE: 10 : 1
REEL INFORMATION
QUANTITY PER REEL 500 / pcs
.260
6.60
1.260
32.00
1.118
28.40
.068
1.75
.157
4.00
.630
16.00
.061 DIA.
1.55
.350
8.90
Elongated Sprocket
Holes
.079
2.00
.873
22.18
.630
16.00
Switches available on embossed antistatic tape and reels.
Tape and cover strip are conductive for use near statically sensitive components.
CONTACT MATERIAL OPTIONS
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
WAVE SOLDERING:
Duration of Solder Immersion: Max 5 sec.
(PCB is 1.6mm in thickness)
SOLDERING: Vapor phase & IR-reflow
soldering can be applied.
SOLDERING PROCESSES
Recommended Soldering Temperature: 260 ± 5°C
Temperature Profile
(°C)
250
200
150
100
50
Room
Temperature
Room Temperature
)
c
e
S
(
e
m
i
T
e
n
o
Z
Time (Sec)
Pre-heat (A)
Soak
(B)
Peak
(C)
Peak
(D)
Peak
(E)
150°C
180°C ~ 200°C
200°C ~ 235°C
235°C ~ 260°C
260°C
Peak : 260°C
Min 120s
Min 150s
Min 30s
Min 40s
Max 5s
A
B
C
D E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com