Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q22B11 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # Q22B11
Description  Miniature toggle switches, IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q22B11 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  Q22B11 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q22B11 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q22B11 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STB Series
Miniature toggle switches, IP67
01
BUSHING
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
T1 10.16 high
T2 6.10 high
T4 13.97 high
TA Plastic,Black,10.16 high
TB Plastic,Black,6.10 high
Model NO.
STBS1 SP On-None-On
STBS2 SP On-None-Mom
STBS3 SP On-Off -On
STBS4 SP Mom-Off-Mom
STBS5 SP On-Off-Mom
Actuator
E EPOXY (std)
MT
MZ
(STD) Right angle,
surface mount.
(STD)
Terminations
Bushing
Terminal plating
Q Gold flash over silver
R Gold
C Gold over silver
Seal
4.35 high (Std)
A1
E
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
RoHS soldering
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 37.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6,flame retardant,
heat stabilized (UL94v-0).
ACTUATOR: Brass,chrome plated,internal O-ring seal.
Standard for all actuators.
SWITCH SUPPORT: Brass,tin plated.
CONTACT / TERMINALS: Copper alloy,with Silver or gold plated.
(See Page 37)


Similar Part No. - Q22B11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q22-U12-XP ETC2-Q22-U12-XP Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q22-U24-XP ETC2-Q22-U24-XP Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q22-U36-XP ETC2-Q22-U36-XP Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q22-U48-XP ETC2-Q22-U48-XP Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
More results

Similar Description - Q22B11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
logo
List of Unclassifed Man...
3005C ETC2-3005C Datasheet
558Kb / 1P
IP67 Sealed Toggle Switches
3105C ETC2-3105C Datasheet
628Kb / 1P
IP67 Sealed Toggle Switches
3305C ETC2-3305C Datasheet
565Kb / 1P
IP67 Sealed Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com