Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVA45TXX503C Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SVA45TXX503C
Description  Compact Slide Potentiometer, illumination, 15-60mm travel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVA45TXX503C Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SVA45TXX503C Datasheet HTML 1Page - Apex Electronics Co., Ltd SVA45TXX503C Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVA Series
Compact Slide Potentiometer, illumination, 15-60mm travel
01
Features
Compact size to save space
Illumination on top of lever
Bottom seal to avoid from flux penetration
Excellent slide feel
Low-cost
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for applications in audio, medical, industrial, or consumer market.
Potentiometer Specification
How to order
SVA
Series
Travel
15 15mm
20 20mm
Center Detent
N No detent
C With detent
25 25mm
Lever
Refer to page 2
Terminal
T Thru-hole
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
Operating Temperature
-10°C to +70°C
Operating Force
30 ~ 250 gf
Total Resistance(K )
5, 10, 20, 50, 100, 250, 500
Total Resistance Tolerance
±20%
Output
Single
Detent
Center detent, no detent
Resistance Taper
Standard linear , custom linear or audio
Slide Travel(mm)
15, 20, 25, 30, 45, 60
Life Cycle
15,000
30 30mm
45 45mm
60 60mm
S Snap-in


Similar Part No. - SVA45TXX503C

ManufacturerPart #DatasheetDescription
logo
ETA-USA
SVA48-SC12 ETA-USA-SVA48-SC12 Datasheet
2Mb / 3P
25W ??Isolated Power Supply
SVA48SA ETA-USA-SVA48SA Datasheet
684Kb / 4P
25 WATT AC-DC CONVERTER SVA-SA SERIES
SVA48SB ETA-USA-SVA48SB Datasheet
553Kb / 3P
25 WATT AC-DC CONVERTER
logo
List of Unclassifed Man...
SVA48SC24 ETC1-SVA48SC24 Datasheet
205Kb / 2P
25 WATT DC-DC CONVERTER
logo
ETA-USA
SVA48SD ETA-USA-SVA48SD Datasheet
2Mb / 3P
25W Isolated Power Supply
More results

Similar Description - SVA45TXX503C

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
2mm Travel Miniature Sized Slide Switch
SLG-22-465 SHINMEI-SLG-22-465 Datasheet
99Kb / 3P
3mm Travel Medium Current Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
2mm Travel Thin Type Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com