Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVA60TXX503C Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # SVA60TXX503C
Description  Compact Slide Potentiometer, illumination, 15-60mm travel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVA60TXX503C Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  SVA60TXX503C Datasheet HTML 1Page - Apex Electronics Co., Ltd SVA60TXX503C Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVA Series
Compact Slide Potentiometer, illumination, 15-60mm travel
02
Lever Options
Part No.
A1
A2
A3
Length
10mm
15mm
19mm
Lever A
Drawing
Model
Dimensions
SVAXXS
(Snap-in terminal)
P.C.B Mounting hole detail
Dimensions
Model
S
A
(S+15)
B
(S+11)
C
(S+10)
D
E
F
SVA15
15
30
26
25
SVA20
20
35
31
30
12.5
7.5
5
SVA25
25
40
36
35
SVA30
30
45
41
40
22.5
12.5
10
SVA45
45
60
56
55
32.5
17.5
15
SVA60
60
75
71
70
47.5
25
22.5
SVAXXT
(Through hole)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com