Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED5WCW Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LED5WCW
Description  24V 5W LED Linkable Flat Striplight 6000K (510mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LED5WCW Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LED5WCW Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. LED5WCW Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LED5WCW
DESCRIPTION
24V 5W LED Linkable Flat Striplight 6000K (510mm)
NET WEIGHT (KG)
0.192
DIMENSIONS (MM)
Length - 510
Width - 33
Projection - 8
CONSTRUCTION
Construction - Aluminium
Construction 2 - & polycarbonate
CLASS
III
IP RATING
IP20
WATTAGE (W)
5
LAMP TECHNOLOGY
LED
LAMP INCLUDED
Yes
LUMENS (LM)
580
LUMENS LIGHT SOURCE ONLY (LM)
745
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
146.2
CIRCUIT WATTAGE (W)
5.1
CCT
6000K
LIGHT COLOUR
Daylight
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.209
BEAM ANGLE (DEGREES)
90
L70B50 LIFESPAN (HRS)
35,000
DIMMABLE
Driver dependent
OPERATING TEMPERATURE
-20~40°C
INPUT VOLTAGE
24V DC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
www.mlaccessories.co.uk
LED5WCW
24V 5W LED Linkable Flat Striplight 6000K (510mm)
5
kWh/1000h
KNIGHTSBRIDGE
LED5WCW
A
B
C
D
E
F
G
D
5
kWh/1000h
KNIGHTSBRIDGE
LED5WCW
A
B
C
D
E
F
G
D


Similar Part No. - LED5WCW

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LED5WB KNIGHTSBRIDGE-LED5WB Datasheet
99Kb / 1P
24V 5W LED Linkable Flat Striplight Blue (510mm)
26/04/2024
LED5WWW KNIGHTSBRIDGE-LED5WWW Datasheet
229Kb / 2P
24V 5W LED Linkable Flat Striplight 3000K (510mm)
26/04/2024
More results

Similar Description - LED5WCW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
High Power LED - 5W
EHP-B03LS-UT04-P05 EVERLIGHT-EHP-B03LS-UT04-P05 Datasheet
327Kb / 10P
High Power LED - 5W
08-20-2007
logo
P-tec Corporation
PL00875WR-WCCW P-TEC-PL00875WR-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
logo
Microsemi Corporation
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
24V Quad 5W CCFL Inverter Module
logo
Elite Enterprises (H.K....
PC8N-5LTX ELITE-PC8N-5LTX Datasheet
1Mb / 19P
5W Power LED
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
5W High CRI Power LED
PG1C-5LXX ELITE-PG1C-5LXX Datasheet
1Mb / 22P
5W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com