Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT3WCW Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDT3WCW
Description  24V 3W LED Linkable Triangular Striplight 6000K (300mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDT3WCW Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDT3WCW Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. LEDT3WCW Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDT3WCW
DESCRIPTION
24V 3W LED Linkable Triangular Striplight 6000K (300mm)
NET WEIGHT (KG)
0.154
DIMENSIONS (MM)
Length - 300
Width - 33
Projection - 20
CONSTRUCTION
Construction - Aluminium
Construction 2 - & polycarbonate
CLASS
III
IP RATING
IP20
WATTAGE (W)
3
LAMP TECHNOLOGY
LED
LAMP INCLUDED
Yes
LUMENS (LM)
385
LUMENS LIGHT SOURCE ONLY (LM)
460
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
148.5
CIRCUIT WATTAGE (W)
3.1
CCT
6000K
LIGHT COLOUR
Daylight
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.126
BEAM ANGLE (DEGREES)
90
L70B50 LIFESPAN (HRS)
35,000
DIMMABLE
Driver dependent
OPERATING TEMPERATURE
-20~40°C
INPUT VOLTAGE
24V DC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
www.mlaccessories.co.uk
LEDT3WCW
24V 3W LED Linkable Triangular Striplight 6000K
(300mm)
3
kWh/1000h
KNIGHTSBRIDGE
LEDT3WCW
A
B
C
D
E
F
G
C
3
kWh/1000h
KNIGHTSBRIDGE
LEDT3WCW
A
B
C
D
E
F
G
C


Similar Part No. - LEDT3WCW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16_24 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-300 GAPTEC-LEDT16_24-300 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-350 GAPTEC-LEDT16_24-350 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDT16_24-500 GAPTEC-LEDT16_24-500 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDT3WCW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2070-R MARKTECH-MT2070-R Datasheet
28Kb / 1P
3x4x4mm TRIANGULAR HEAD LED LAMPS
logo
Yellow Stone Corp
BL-T1131-T YSTONE-BL-T1131-T Datasheet
974Kb / 2P
STANDARD LED LAMPS(TRIANGULAR & OVAL TYPES)
logo
List of Unclassifed Man...
T2333 ETC1-T2333 Datasheet
429Kb / 3P
TRIANGULAR TYPE
STR2018040WG03 ETC2-STR2018040WG03 Datasheet
217Kb / 6P
300mm Rigid LED Strip
logo
Elite Enterprises (H.K....
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
3W Power LED
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
logo
FIBOX Enclosing innovat...
3570673 FIBOX-3570673 Datasheet
52Kb / 1P
Triangular key
31.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com