Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T52A25DPR Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T52A25DPR
Description  4.6*2.3mm tact switch, SMD, side actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T52A25DPR Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T52A25DPR Datasheet HTML 1Page - Apex Electronics Co., Ltd T52A25DPR Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
T52A Series
4.6*2.3mm tact switch, SMD, side actuated
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.15 ± 0.1mm
160g: 50,000 250g: 30,000
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Silver plated
Phosphor Bronze
PA6T
Silver plated
Stainless Steel
Silver plated
Phosphor Bronze
Part Name
Material
Compact size (4.6 X 2.3 mm)
Dust-proof available
Metal Bracket or boss to
support side actuation
RoHS Compliant
Product Features
-30°C ~ 85°C
Specification
160, 250 gram
Part Number
T52A
Series
Mounting Style
B With boss, standard
[ ] Without boss, standard
BT With boss, thick height
DP Without boss, dust-proof
16 160g
25 250g
Force
R Reel
B Bulk
Package
100 MΩ min @ 100VDC
100mΩ max.


Similar Part No. - T52A25DPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52 Datasheet
552Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
05-Oct-17
T52 VISHAY-T52 Datasheet
672Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
30-Aug-2022
T52 VISHAY-T52 Datasheet
637Kb / 16P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
21-Jul-2021
logo
HAKKO Corporation
T52 HAKKO-T52 Datasheet
1Mb / 4P
BEST SUITED FOR SMD REWORK FROM 1005 CHIPS TO SOP COMPONENTS 190W HIGH-POWER HOT TWEEZERS
logo
Magnetrol International...
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
Side Mounting Liquid Level Switches
More results

Similar Description - T52A25DPR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com