Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T66A Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # T66A
Description  6.0*6.0mm tact switch, through hole, top actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T66A Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  T66A Datasheet HTML 1Page - Apex Electronics Co., Ltd T66A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
T66A Series
6.0*6.0mm tact switch, through hole, top actuated
T66A
P.C.B LAND DIMENSION
CIRCUIT DIAGRAM
T66AG
CIRCUIT DIAGRAM
P.C.B LAND DIMENSION
Height "H"
Diameter "D"
4.3
3.5
5.0
3.4
6.0
3.3
7.0
3.3
9.5
3.0
12.0
3.0
15.0
3.0
17.0
3.0
Height "H"
Diameter "D"
4.3
3.5
5.0
3.4
6.0
3.3
7.0
3.3
9.5
3.0
12.0
3.0
15.0
3.0
17.0
3.0
T66AS73


□
□1.5



②
④
①
③



①
②
③
④
CIRCUIT DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com