Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T66B Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T66B
Description  6.0*6.0mm tact switch, SMD, top actuated, Low-cost design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T66B Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T66B Datasheet HTML 1Page - Apex Electronics Co., Ltd T66B Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 ± 0.1mm
100,000(100-250g) ; 50,000 (>250g) ; 300,000 (<100g)
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
PA6T
Steel
PA6T
Silver plated
Phosphor Bronze
Silver plated Brass
Part Name
Material
Multiple options of force and stems
Optional ground pin
Long-life available
Slient clicking available
RoHS Compliant
Product Features
01
T66B Series
-30°C ~ 85°C
6.0*6.0mm tact switch, SMD, top actuated, Low-cost design
Specification
70 ~ 520 gram
Part Number
T66B
Series
43
4.3mm
50
5.0mm
70
7.0mm
S73
7.3mm
09 90 gram
16 160 gram
21 210 gram
25 250 gram
32 320 gram
40 400 gram
G Ground Pin
[ ] No Ground Pin
60
6.0mm
52 520 gram
80
8.0mm
90
9.0mm
110
11.0mm
120
12.0mm
100
10.0mm
130
13.0mm
140
14.0mm
160
16.0mm
170
17.0mm
150
15.0mm
(Square)
Force
Height ”H”
Grounding
-08 8.0mm
[ ] Standard
(Refer drawing)
Terminal Pitch
-10 10.0mm
R Reel
B Bulk
Package
100 MΩ min @ 100VDC
100mΩ max.
A Anti-rotation
stem
Stem style
[ ] Rotatable
stem


Similar Part No. - T66B

ManufacturerPart #DatasheetDescription
logo
EPCOS
T66 EPCOS-T66 Datasheet
152Kb / 6P
Ferrites and accessories
logo
Infineon Technologies A...
T660N INFINEON-T660N Datasheet
281Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1
logo
List of Unclassifed Man...
T6613 ETC2-T6613 Datasheet
113Kb / 4P
Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Amphenol Corporation
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
T6613-5K AMPHENOL-T6613-5K Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
More results

Similar Description - T66B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com