Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T55CP16B Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T55CP16B
Description  5.2*5.2mm tact switch, SMD, 1.0mm thickness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T55CP16B Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T55CP16B Datasheet HTML 1Page - Apex Electronics Co., Ltd T55CP16B Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 mm
200,000(70-160g) ; 100,000 (250-320g)
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Top Tape
Contact
Terminal
PA6T
Stainless Steel
Silver plated
Stainless Steel
Silver plated Brass
Part Name
Material
5.2 X 5.2 mm footprint
1.0mm thickness
Multiple options of force
RoHS Compliant
Product Features
01
T55C Series
-30°C ~ 85°C
5.2*5.2mm tact switch, SMD, 1.0mm thickness
Specification
70 ~ 320 gram
Part Number
T55C
Series
Metal cover
M With metal cover
P Without metal cover
Polyimide
09
90g
16 160g
Force
25 250g
32 320g
Reel
B
Bulk
Package
R
100 MΩ min @ 100VDC
100mΩ max.


Similar Part No. - T55CP16B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55C475M063C0200 VISHAY-T55C475M063C0200 Datasheet
748Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
16-Aug-2023
More results

Similar Description - T55CP16B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STJN-4 BOURNS-STJN-4 Datasheet
166Kb / 1P
SMD Super-Thin Tact Switch
STJN-5 BOURNS-STJN-5 Datasheet
148Kb / 1P
SMD Thin Tact Switch
STSS BOURNS-STSS Datasheet
215Kb / 2P
SMD 4 mm Sealed Tact Switch
SDTM-610-KTR BOURNS-SDTM-610-KTR Datasheet
201Kb / 2P
SMD Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com