Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T55AS15092MB Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T55AS15092MB
Description  5.2*5.2mm tact switch, SMD, Low-profile, Optional Long-life
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T55AS15092MB Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T55AS15092MB Datasheet HTML 1Page - Apex Electronics Co., Ltd T55AS15092MB Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Part Number
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25mm
2,000,000 (special); 200,000 (90-160g); 100,000 (>200g)
50mA, 12VDC
250VAC for 1 minute
Materials
Base
Cover
Stem
Contact
Terminal
PPA
Tin-copper plated
Stainless Steel
Brass
Silver plated
Stainless Steel
Silver plated Brass
Part Name
Material
Multiple options of forces and stems
Metal stem & cover for robustness
1.2mm slim body height
2 million life cycle available
RoHS Compliant
Product Features
01
T55A Series
-30°C ~ 85°C
5.2*5.2mm tact switch, SMD, Low-profile, Optional Long-life
Specification
90 ~ 520 gram
T55A
Series
S Octagon
R Round
Cover Style
15 1.5mm
20 2.0mm
Height ”H”
09
90g
16 160g
Force
Standard life
2M 2 million life
Operating Life
30 3.0mm
25 250g
32 320g
40 400g
52 520g
□
100mΩ max.
100 MΩ min @ 100VDC
Reel
B Bulk
Package
R


Similar Part No. - T55AS15092MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55A106M004C0200 VISHAY-T55A106M004C0200 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
T55A106M004C0200 VISHAY-T55A106M004C0200 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
T55A106M004C0200 VISHAY-T55A106M004C0200 Datasheet
748Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
16-Aug-2023
T55A106M004C0500 VISHAY-T55A106M004C0500 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
T55A106M004C0500 VISHAY-T55A106M004C0500 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
More results

Similar Description - T55AS15092MB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KST ITT-KST Datasheet
165Kb / 2P
Long Travel Tact Switch for SMT
KSB ITT-KSB Datasheet
184Kb / 2P
Low-profile Tact Switch
logo
Bourns Electronic Solut...
SDTM-610-KTR BOURNS-SDTM-610-KTR Datasheet
201Kb / 2P
SMD Tact Switch
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
Low-profile Tact Switch
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
Low Profile Tact Switch
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
TACT Switch Long Operating life Type
logo
C&K Components
KSC-SLT CK-COMPONENTS-KSC-SLT Datasheet
331Kb / 2P
Long Travel Tact Switch
20 Apr 21
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
Low Profile Tact Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com