Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

203DMQ080 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 203DMQ080
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

203DMQ080 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  203DMQ080 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 203DMQ080 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 203DMQ080 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 203DMQ080 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 203DMQ080 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1677, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
203DMQ SERIES
203DMQ080/203DMQ100
SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
80
203DMQ080
V
100
203DMQ100
Average Rectified Forward Current
IF(AV)
50% duty cycle @TC =110°C,
rectangular wave form
100(Per Leg)
A
200(Per Device)
Peak One Cycle Non-Repetitive
Surge Current (Per Leg)
IFSM
8.3 ms, half Sine pulse
2520
A
Non-Repetitive Avalanche
Energy(Peg Leg)
EAS
TJ=25℃,IAS=1A,L=30mH
15
mJ
Repetitive Avalanche Current
(Peg Leg)
IAR
Current decaying linearly to zero
in 1 μsec Frequency limited by
TJ max. VA=1.5×VR typical
1
A
Features
Circuit Diagram
Applications
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
175℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Base plate: Nickel plated; Terminals: Nickel plated
The terminal hardware is supplied with the module.
The mounting hardware is not supplied. Recommended
is the use of ¼-20 or M6 screws with spring washer.
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
High current switching power supply
Plating power supply
Free-Wheeling diodes
Reverse battery protection
Converters
UPS System
Welding
PRM4 (Isolated)


Similar Part No. - 203DMQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
203DMQ080 IRF-203DMQ080 Datasheet
83Kb / 5P
Schottky Rectifier
logo
Sangdest Microelectroni...
203DMQ080 SMC-203DMQ080 Datasheet
217Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 203DMQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com