Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4062 Datasheet(PDF) 2 Page - EPCOS

Part # B4062
Description  Low-Loss Duplexer for Mobile Communication
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4062 Datasheet(HTML) 2 Page - EPCOS

  B4062 Datasheet HTML 1Page - EPCOS B4062 Datasheet HTML 2Page - EPCOS B4062 Datasheet HTML 3Page - EPCOS B4062 Datasheet HTML 4Page - EPCOS B4062 Datasheet HTML 5Page - EPCOS B4062 Datasheet HTML 6Page - EPCOS B4062 Datasheet HTML 7Page - EPCOS B4062 Datasheet HTML 8Page - EPCOS B4062 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
25 Sep 2001
SAW Components
B4062
926,25 / 903,75 MHz
Low-Loss Duplexer for Mobile Communication
Data Sheet
Ceramic package QCC8D
Features
s
Compact RF duplexer for cordless telephone
ISM
s
No matching network required for operation at
50
Ω
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni , gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
6
Ant
1Tx
3Rx
5, 7
Ant - ground
2
Tx - ground
4,8
Case / Rx - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4062
B39931-B4062-U810
C61157-A7-A72-X-27
F61074-V8101-Z000
Maximum ratings
Operable temperature range
T
– 10/+ 55
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
Input power
PIN
5
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com