Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLI640GPBF. Datasheet(PDF) 8 Page - International Rectifier

Part # IRLI640GPBF.
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI640GPBF. Datasheet(HTML) 8 Page - International Rectifier

  IRLI640GPBF. Datasheet HTML 1Page - International Rectifier IRLI640GPBF. Datasheet HTML 2Page - International Rectifier IRLI640GPBF. Datasheet HTML 3Page - International Rectifier IRLI640GPBF. Datasheet HTML 4Page - International Rectifier IRLI640GPBF. Datasheet HTML 5Page - International Rectifier IRLI640GPBF. Datasheet HTML 6Page - International Rectifier IRLI640GPBF. Datasheet HTML 7Page - International Rectifier IRLI640GPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLI640GPbF
8
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/04
TO-220 Full-Pak Part Marking Information
WIT H ASSE MB L Y
EXAMP L E:
T H IS IS AN IR F I840 G
L OT CODE 3432
AS S E MB L E D ON WW 24 199 9
IN T H E ASSE MB L Y L IN E "K "
PAR T N U MB E R
LOT CODE
ASSE MB L Y
IN T E R N AT IONAL
R E CT IF IE R
LOGO
34
3 2
924K
I R F I 84 0G
DAT E CODE
YE AR 9 = 1999
WEEK 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com